Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F Datasheet(PDF) 26 Page - STMicroelectronics

Part # A6985F
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button A6985F Datasheet HTML 22Page - STMicroelectronics A6985F Datasheet HTML 23Page - STMicroelectronics A6985F Datasheet HTML 24Page - STMicroelectronics A6985F Datasheet HTML 25Page - STMicroelectronics A6985F Datasheet HTML 26Page - STMicroelectronics A6985F Datasheet HTML 27Page - STMicroelectronics A6985F Datasheet HTML 28Page - STMicroelectronics A6985F Datasheet HTML 29Page - STMicroelectronics A6985F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
Functional description
A6985F
26/77
DocID027738 Rev 2
5.5.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at light-load. The regulator prevents
the switching activity whenever the switch peak current request is lower than the ISKIP
threshold (350 mA typical). As a consequence the A6985F device works in bursts and it
minimizes the quiescent current request in the meantime between the switching operation.
In LCM operation, the pin SYNCH/ISKIP level dynamically defines the ISKIP current
threshold (see Table 11).
The ISKIP programmability helps to optimize the performance in terms of the output voltage
ripple or efficiency at the light-load, that are parameters which disagree each other by
definition.
A lower skip current level minimizes the voltage ripple but increases the switching activity
(time between bursts gets closer) since less energy per burst is transfered to the output
voltage at the given load. On the other side, a higher skip level reduces the switching activity
and improves the efficiency at the light-load but worsen the voltage ripple.
No difference in terms of the voltage ripple and conversion efficiency for the medium and
high load current level, that is when the device operates in the discontinuous or continuous
mode (DCM vs. CCM).
Figure 14 and Figure 15 report the efficiency measurements to highlight the ISKIPH and
ISKIPL efficiency gap at the light-load also in comparison with the LNM operation. The same
efficiency at the medium / high load is confirmed at different ISKIP levels.
Figure 14. Light-load efficiency comparison at different ISKIP - linear scale
Table 11. ISKIP current level
SYNCH / ISKIP (pin 4)
ISKIP current threshold
LOW
ISKIPH = 0.35 A typical
HIGH
ISKIPL = 0.1 A typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com