Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F3V3 Datasheet(PDF) 76 Page - STMicroelectronics

Part # A6985F3V3
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F3V3 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button A6985F3V3 Datasheet HTML 69Page - STMicroelectronics A6985F3V3 Datasheet HTML 70Page - STMicroelectronics A6985F3V3 Datasheet HTML 71Page - STMicroelectronics A6985F3V3 Datasheet HTML 72Page - STMicroelectronics A6985F3V3 Datasheet HTML 73Page - STMicroelectronics A6985F3V3 Datasheet HTML 74Page - STMicroelectronics A6985F3V3 Datasheet HTML 75Page - STMicroelectronics A6985F3V3 Datasheet HTML 76Page - STMicroelectronics A6985F3V3 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
Order codes
A6985F
76/77
DocID027738 Rev 2
12
Order codes
13
Revision history
Table 24. Order codes
Part numbers
Package
Packaging
A6985F3V3
HTSSOP16
Tube
A6985F3V3TR
Tape and reel
A6985F5V
Tube
A6985F5VTR
Tape and reel
A6985F
Tube
A6985FTR
Tape and reel
Table 25. Document revision history
Date
Revision
Changes
10-Apr-2015
1
Initial release.
15-Apr-2015
2
Updated Table 2 on page 6 (updated VIN and VOUT).
Updated units below Equation 3 on page 19 and below
Figure 33 on page 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com