Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # IPS160HTR
Description  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IPS160HTR Datasheet HTML 2Page - STMicroelectronics IPS160HTR Datasheet HTML 3Page - STMicroelectronics IPS160HTR Datasheet HTML 4Page - STMicroelectronics IPS160HTR Datasheet HTML 5Page - STMicroelectronics IPS160HTR Datasheet HTML 6Page - STMicroelectronics IPS160HTR Datasheet HTML 7Page - STMicroelectronics IPS160HTR Datasheet HTML 8Page - STMicroelectronics IPS160HTR Datasheet HTML 9Page - STMicroelectronics IPS160HTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Pin description
IPS160H
6/26
DocID027563 Rev 2
2
Pin description
Figure 2: Pin connection (top view)
Table 2: Pin configuration
Number
Name
Function
Type
1, 12,
TAB
VCC
Device supply voltage
Supply
2
IN
Channel input
Input
3
DIAG
Common diagnostic pin both for thermal shutdown, cut-off and
open load
Output
open drain
4
CoD
Cut-off delay pin, cannot be left floating.
Connected to GND by 1 kΩ resistor to disable the cut-off function.
Connect to a CCoD capacitor to set the cut-off delay see Table 9:
"Protection and diagnostic"
Input
5, 6
NC
Not connected
7
GND
Device ground
Ground
8, 9, 10,
11
OUT
Channel power stage output
Output
2.1
IN
This pin drives the output stage to pin OUT. IN pin has internal weak pull-down resistors,
see Table 8: "Logic inputs".
2.2
OUT
Output power transistor is in high-side configuration, with active clamp for fast
demagnetization.
1
2
3
4
5
6
TAB=Vcc
12
11
10
9
8
7
VCC
IN
DIAG
CoD
NC
NC
OUT
OUT
OUT
OUT
VCC
GND
GIPG1702151321LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com