Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7292D
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292D Datasheet(HTML) 1 Page - STMicroelectronics

  L7292D Datasheet HTML 1Page - STMicroelectronics L7292D Datasheet HTML 2Page - STMicroelectronics L7292D Datasheet HTML 3Page - STMicroelectronics L7292D Datasheet HTML 4Page - STMicroelectronics L7292D Datasheet HTML 5Page - STMicroelectronics L7292D Datasheet HTML 6Page - STMicroelectronics L7292D Datasheet HTML 7Page - STMicroelectronics L7292D Datasheet HTML 8Page - STMicroelectronics L7292D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
This is information on a product in full production.
November 2015
DocID028601 Rev 1
1/60
L7292
Five buck regulators power management unit
Datasheet
- production data
Features
 Key specification
– Vin range from 2.7 V to 5.5 V
 Interface
– Two-wire I2C serial interface supports
3.4-Mbit protocol (high speed mode)
– 8-bit register bank
– Random and Sequential Read modes
– Automatic address incrementing
 Programmable buck regulators
– Regulators with programmable DC set
point and soft-start
– Buck regulators include integrated PMOS
and NMOS switching elements
– Up to 90% efficiency
– PWM and PFM modes
– Two pins to select four sets of DC voltages
–
± 1% feedback voltage accuracy
– All regulators with auto discharge function
on reset.
– Programmable bucks
 Support functions
 128-bit EEPROM for:
– Default Vout
– Power up sequence
– Reset IC delay time
– Regulator enable
 Integrated voltage monitor with digital filters
 Thermal protection
 Package: VQFN 5 x 5 x 0.9 40L
Applications
 SSD (Solid-State Drive), portable phone, etc.
Description
The L7292 is a power management device
designed for consumer applications. Five bucks
provide voltages for the
µController and Flash
memory with efficiency up to 90% in light-load
condition.
The device communicates with the µController via
an I2C serial interface operating at clock speeds
up to 3.4 Mbit/s.
The regulators operate at 1.3 MHz switching
frequency and enter automatically in the PFM
operation to maintain high efficiency over the
entire load current range.
The device can be forced into the PWM mode by
writing a bit in the serial port register.
Low quiescent current (e.g.: All SW reg. ON with
no load Iq = 175
µA).
The L7292 device has a DSM mode to reduce the
quiescent current at the minimum value (1 x SW
reg. ON with no load Iq = 60
µA).
VQFN 5 x 5 x 0.9 40L
Table 1. Device summary
Regulator
Vout range [V]
DC Iload [A]
BUCK1
0.9 - 1.6
1.0
BUCK2
1.5 - 2.1
0.8
BUCK3
0.7 - 1.3
0.5
BUCK4
0.7 - 1.3
1.0
BUCK5
0.7 - 1.3
1.6
www.st.com


Similar Part No. - L7292D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7292 HAMAMATSU-L7292 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
More results

Similar Description - L7292D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com