Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK320 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LDK320
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LDK320 Datasheet HTML 10Page - STMicroelectronics LDK320 Datasheet HTML 11Page - STMicroelectronics LDK320 Datasheet HTML 12Page - STMicroelectronics LDK320 Datasheet HTML 13Page - STMicroelectronics LDK320 Datasheet HTML 14Page - STMicroelectronics LDK320 Datasheet HTML 15Page - STMicroelectronics LDK320 Datasheet HTML 16Page - STMicroelectronics LDK320 Datasheet HTML 17Page - STMicroelectronics LDK320 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Typical characteristics
LDK320
14/25
DocID028460 Rev 1
Figure 27: Startup with enable (VOUT = 3.3 V)
Figure 28: Startup with enable (VOUT = VADJ)
Figure 29: Turn-on time (VOUT = 3.3 V)
Figure 30: Turn-on time (VOUT = VADJ)
Figure 31: Line transient (VOUT = 3.3 V, rise)
Figure 32: Line transient (VOUT = 3.3 V, fall)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com