Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK320AM-R Datasheet(PDF) 16 Page - STMicroelectronics

Part # LDK320AM-R
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320AM-R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LDK320AM-R Datasheet HTML 12Page - STMicroelectronics LDK320AM-R Datasheet HTML 13Page - STMicroelectronics LDK320AM-R Datasheet HTML 14Page - STMicroelectronics LDK320AM-R Datasheet HTML 15Page - STMicroelectronics LDK320AM-R Datasheet HTML 16Page - STMicroelectronics LDK320AM-R Datasheet HTML 17Page - STMicroelectronics LDK320AM-R Datasheet HTML 18Page - STMicroelectronics LDK320AM-R Datasheet HTML 19Page - STMicroelectronics LDK320AM-R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Package information
LDK320
16/25
DocID028460 Rev 1
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
SOT23-5L package information
Figure 35: SOT23-5L package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com