Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903WH Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2903WH
Description  Low-power, dual-voltage comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903WH Datasheet(HTML) 4 Page - STMicroelectronics

  LM2903WH Datasheet HTML 1Page - STMicroelectronics LM2903WH Datasheet HTML 2Page - STMicroelectronics LM2903WH Datasheet HTML 3Page - STMicroelectronics LM2903WH Datasheet HTML 4Page - STMicroelectronics LM2903WH Datasheet HTML 5Page - STMicroelectronics LM2903WH Datasheet HTML 6Page - STMicroelectronics LM2903WH Datasheet HTML 7Page - STMicroelectronics LM2903WH Datasheet HTML 8Page - STMicroelectronics LM2903WH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute maximum ratings and operating
conditions
LM2903WH
4/14
DocID028311 Rev 1
2
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential input voltage
(VCC
-) - 0.3 to (V
CC
+) + 0.3
Vin
Input voltage
Vout
Output voltage
36
Output short-circuit to ground
(1)
Infinite
Rthja
Thermal resistance junction to ambient
(2)
190
°C/W
Rthjc
Thermal resistance junction to case
(2)
39
Tj
Maximum junction temperature
160
°C
Tstg
Storage temperature range
-65 to 160
ESD
Human body model (HBM)
(3)
2000
V
Machine model (MM)
(4)
200
CDM: charged device model
(5)
1500
Notes:
(1)
Short-circuits from the output to VCC
+
can cause excessive heating and possible destruction. The maximum
output current is approximately 20 mA and is independent of the VCC
+
magnitude.
(2)
Short-circuits can cause excessive heating and destructive dissipation. Values are typical and for a four-layer
PCB.
(3)Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ
resistor between two pins of the device. This is done for all couples of connected pin combinations while the other
pins are floating.
(4)
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected
pin combinations while the other pins are floating.
(5)
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
Vicm
Common mode input voltage range
0 to (VCC
+) - 1.5
V
-
40 °C ≤ Tamb ≤ 150 °C
0 to (VCC
+) - 2
Toper
Operating free-air temperature range
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com