Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK320M-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDK320M-R
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320M-R Datasheet(HTML) 1 Page - STMicroelectronics

  LDK320M-R Datasheet HTML 1Page - STMicroelectronics LDK320M-R Datasheet HTML 2Page - STMicroelectronics LDK320M-R Datasheet HTML 3Page - STMicroelectronics LDK320M-R Datasheet HTML 4Page - STMicroelectronics LDK320M-R Datasheet HTML 5Page - STMicroelectronics LDK320M-R Datasheet HTML 6Page - STMicroelectronics LDK320M-R Datasheet HTML 7Page - STMicroelectronics LDK320M-R Datasheet HTML 8Page - STMicroelectronics LDK320M-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
November 2015
DocID028460 Rev 1
1/25
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
LDK320
200 mA low quiescent current and high PSRR voltage regulator
Datasheet - preliminary data
Features
Input voltage from 2.5 to 18 V
Very low-dropout voltage (100 mV typ. @
100 mA load)
Low
quiescent current (typ. 60 μA, 1 μA in
off mode)
High PSRR: 88 dB@120 Hz
Low noise
Output voltage tolerance: ± 2.0% @ 25 °C;
(±0.5% version available on request)
Output current up to 200 mA
Wide range of output voltages available on
request: fixed from 1.2 V to 12 V with
100 mV step and adjustable
Logic-controlled electronic shutdown
Compatible with ceramic capacitor
COUT
= 1 μF
Current, SOA and thermal protections
Available in SOT23-5L and SOT-89
packages
Temperature range: -40 °C to 125 °C
Applications
DSC
TV
BD, DVD
PC
Industrial
Description
The LDK320 is a low drop voltage regulator,
which provides a maximum output current of
200 mA from an input voltage in the range of
2.5 V to 18 V, with a typical dropout voltage of
100 mV.
It is stabilized with a ceramic capacitor on the
output.
The very good dynamic characteristic, combined
with low drop voltage and low quiescent current
make it suitable for low power battery-powered
applications.
The enable logic control function allows the
LDK320 to be in shutdown mode by consuming a
total current l
ower than 1 μA.
This device also includes a short-circuit current
limiting, thermal and SOA protections.
SOT23-5 L
SOT-8 9


Similar Part No. - LDK320M-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
More results

Similar Description - LDK320M-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
150 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
300 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
logo
Texas Instruments
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
Analog Devices
ADP220 AD-ADP220 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP322 AD-ADP322 Datasheet
841Kb / 24P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com