Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5975DTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # R5975DTR
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975DTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button R5975DTR Datasheet HTML 17Page - STMicroelectronics R5975DTR Datasheet HTML 18Page - STMicroelectronics R5975DTR Datasheet HTML 19Page - STMicroelectronics R5975DTR Datasheet HTML 20Page - STMicroelectronics R5975DTR Datasheet HTML 21Page - STMicroelectronics R5975DTR Datasheet HTML 22Page - STMicroelectronics R5975DTR Datasheet HTML 23Page - STMicroelectronics R5975DTR Datasheet HTML 24Page - STMicroelectronics R5975DTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DocID026878 Rev 1
21/47
R5975D
Closing the loop
47
7.2
LC filter
The transfer function of the LC filter is given by:
Equation 6
where RLOAD is defined as the ratio between VOUT and IOUT.
If RLOAD >> ESR, the previous expression of ALC can be simplified and becomes:
Equation 7
The zero of this transfer function is given by:
Equation 8
F0 is the zero introduced by the ESR of the output capacitor and it is very important to
increase the phase margin of the loop.
The poles of the transfer function can be calculated through the following expression:
Equation 9
In the denominator of ALC the typical second order system equation can be recognized:
Equation 10
If the damping coefficient
 is very close to zero, the roots of the equation become a double
root whose value is
n.
Similarly for ALC, the poles can usually be defined as a double pole whose value is:
Equation 11
ALC s

RLOAD 1 ESR COUT s

+

s
2 LC
OUT
ESR RLOAD
+
 s ESR C
OUT RLOAD
L
+

 R
LOAD
+
+

---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
ALC s

1ESR COUT s

+
LCOUT s
2
ESR COUT s1
+

+

-----------------------------------------------------------------------------------------
=
FO
1
2
 ESR C
OUT

------------------------------------------------
=
FPLC1 2
ESR COUT
ESR COUT

2
4LCOUT


–
–
2LCOUT

----------------------------------------------------------------------------------------------------------------------------------------------
=
s
2
2

n s
2
n
+

+
FPLC
1
2
LCOUT
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com