Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP613P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP613P
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP613P Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP613P Datasheet HTML 1Page - Infineon Technologies AG BSP613P Datasheet HTML 2Page - Infineon Technologies AG BSP613P Datasheet HTML 3Page - Infineon Technologies AG BSP613P Datasheet HTML 4Page - Infineon Technologies AG BSP613P Datasheet HTML 5Page - Infineon Technologies AG BSP613P Datasheet HTML 6Page - Infineon Technologies AG BSP613P Datasheet HTML 7Page - Infineon Technologies AG BSP613P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2004-06-02
Page 6
BSP613P
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter :
ID = -2.9 A, VGS = -10 V
-60
-20
20
60
100
°C
180
Tj
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
W
0.34
BSP613P
typ
98%
10 Gate threshold voltage
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = -1 mA
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
2%
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
98%
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
typ
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
11 Typ. capacitances
C = f (VDS)
parameter:
VGS=0V, f=1 MHz
0
-5
-10
-15
-20
-25
-30
V
-40
VDS
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
12 Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VSD
-1
-10
0
-10
1
-10
2
-10
A
BSP613P
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com