Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO2E Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # VCXO2E
Description  This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

VCXO2E Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  VCXO2E Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND VCXO2E Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
VCXO2E familypackage5×3.2mm
T range up to 210°C 5 to 40MHz
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Absolute Frequency Pulling range APR
(Minimum frequency deviation including 2)*
Tempperature range
B= -40 to 85°C
C= -55 to 125°C
E= -10 to 150°C
D= -10 to 175°C
G= -10 to 210°C
ΔF/F
≤ ± 130
≤ ± 110
≤ ± 90
≤ ± 50
≤ ± 30
ppm
Supply voltage ± 5%
1)*
Vdd
3.3
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
(load 15pf 20% to 80%)
≤5
ns
Level "0" & "1"
<0.4>Vdvd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Downhole and Well drilling equipments
- Avionics
- Airbone equipments
- Geothermal equipments
- Firefighterequipments
The VCXO2E's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Voltage control oscillator in
ceramic package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
3.20
1.6
1.6
1
2
3
4
1.5
2.7
1.5
4
3
1
2
pin 1 VC
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
* 2) APR is inclusive of frequency deviation due to stability
adjustment at +25°C,
long term aging 1 year
over supply voltage ±5%
over load min to max
frequency stability over T range


Similar Part No. - VCXO2E

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
logo
MICORO CRYSTAL SWITZERL...
VCXO2EV-B10T3 MICROCRYSTAL-VCXO2EV-B10T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B12.288T3 MICROCRYSTAL-VCXO2EV-B12.288T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B12.8T3 MICROCRYSTAL-VCXO2EV-B12.8T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B20T3 MICROCRYSTAL-VCXO2EV-B20T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
More results

Similar Description - VCXO2E

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1SMAT EUROQUARTZ-CX1SMAT Datasheet
134Kb / 2P
Designed for infrared, vapour phase or epoxy mounting
CX7SM EUROQUARTZ-CX7SM Datasheet
115Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX9SM EUROQUARTZ-CX9SM Datasheet
117Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX11SMAT EUROQUARTZ-CX11SMAT Datasheet
118Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
CX14SMAT EUROQUARTZ-CX14SMAT Datasheet
124Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Guangdong Youtai Semico...
IRLR3410TR UMW-IRLR3410TR Datasheet
468Kb / 7P
The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques.
IRFR024NTR UMW-IRFR024NTR Datasheet
537Kb / 7P
The D-PAK is designed for surface mounting using vapor phase, infrared,or wave soldering technigues.
IRFR120NTR UMW-IRFR120NTR Datasheet
536Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infraredor wave soldering techniques.
IRFR3910TR UMW-IRFR3910TR Datasheet
772Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com