Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5CFSY Datasheet(PDF) 22 Page - STMicroelectronics

Part # RPC56EL60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFSY Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RPC56EL60L5CFSY Datasheet HTML 18Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 19Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 20Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 21Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 22Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 23Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 24Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 25Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 137 page
background image
Introduction
RPC56EL60L5
22/137
DocID026934 Rev 1
The SWT module is replicated for each processor.
1.5.21
Fault Collection and Control Unit (FCCU)
The FCCU module has the following features:
Redundant collection of hardware checker results
Redundant collection of error information and latch of faults from critical modules on
the device
Collection of self-test results
Configurable and graded fault control
–
Internal reactions (no internal reaction, IRQ, Functional Reset, Destructive Reset,
or Safe mode entered)
–
External reaction (failure is reported to the external/surrounding system via
configurable output pins)
1.5.22
System Integration Unit Lite (SIUL)
The SIUL controls MCU reset configuration, pad configuration, external interrupt, general
purpose I/O (GPIO), internal peripheral multiplexing, and system reset operation. The reset
configuration block contains the external pin boot configuration logic. The pad configuration
block controls the static electrical characteristics of I/O pins. The GPIO block provides
uniform and discrete input/output control of the I/O pins of the MCU.
The SIU provides the following features:
Centralized pad control on a per-pin basis
–
Pin function selection
–
Configurable weak pull-up/down
–
Configurable slew rate control (slow/medium/fast)
–
Hysteresis on GPIO pins
–
Configurable automatic safe mode pad control
Input filtering for external interrupts
1.5.23
Non-Maskable Interrupt (NMI)
The non-maskable interrupt with de-glitching filter supports high-priority core exceptions.
1.5.24
Boot Assist Module (BAM)
The BAM is a block of read-only memory with hard-coded content. The BAM program is
executed only if serial booting mode is selected via boot configuration pins.
The BAM provides the following features:
Enables booting via serial mode (FlexCAN or LINFlex-UART)
Supports programmable 64-bit password protection for serial boot mode
Supports serial bootloading of either Power Architecture code (default) or VLE code
Automatic switch to serial boot mode if internal flash memory is blank or invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com