Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW28N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW28N60DM2
Description  Extremely low gate charge and input capacitance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW28N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STW28N60DM2 Datasheet HTML 1Page - STMicroelectronics STW28N60DM2 Datasheet HTML 2Page - STMicroelectronics STW28N60DM2 Datasheet HTML 3Page - STMicroelectronics STW28N60DM2 Datasheet HTML 4Page - STMicroelectronics STW28N60DM2 Datasheet HTML 5Page - STMicroelectronics STW28N60DM2 Datasheet HTML 6Page - STMicroelectronics STW28N60DM2 Datasheet HTML 7Page - STMicroelectronics STW28N60DM2 Datasheet HTML 8Page - STMicroelectronics STW28N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2015
DocID027040 Rev 4
1/20
This is information on a product in full production.
www.st.com
STB28N60DM2, STP28N60DM2,
STW28N60DM2
N-channel 600 V, 0.13
Ω typ., 21 A MDmesh™ DM2
Power MOSFETs in D²PAK, TO-220 and TO-247 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax.
RDS(on)
max.
ID
PTOT
STB28N60DM2
600 V
0.16 Ω
21 A
170 W
STP28N60DM2
STW28N60DM2
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
These high voltage N-channel Power MOSFETs
are part of the MDmesh™ DM2 fast recovery
diode series. They offer very low recovery charge
(Qrr) and time (trr) combined with low RDS(on),
rendering them suitable for the most demanding
high efficiency converters and ideal for bridge
topologies and ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STB28N60DM2
28N60DM2
D²PAK
Tape and reel
STP28N60DM2
TO-220
Tube
STW28N60DM2
TO-247
Tube


Similar Part No. - STW28N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW28N60M2 STMICROELECTRONICS-STW28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STW28N60M2 STMICROELECTRONICS-STW28N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.135 Ω typ., 22 A MDmesh™ M2 Power MOSFETs in D²PAK, I²PAK, TO-220 and TO-247
14-Mar-2017
More results

Similar Description - STW28N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB35N60DM2 STMICROELECTRONICS-STB35N60DM2 Datasheet
915Kb / 15P
Extremely low gate charge and input capacitance
08-Sep-2015
STB37N60DM2AG STMICROELECTRONICS-STB37N60DM2AG Datasheet
915Kb / 15P
Extremely low gate charge and input capacitance
25-Aug-2015
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
STB45N40DM2AG STMICROELECTRONICS-STB45N40DM2AG Datasheet
914Kb / 15P
Extremely low gate charge and input capacitance
27-Aug-2015
STP45N40DM2AG STMICROELECTRONICS-STP45N40DM2AG Datasheet
733Kb / 13P
Extremely low gate charge and input capacitance
03-Sep-2015
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
Low input capacitance and gate charge
31-Oct-2013
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
Low input capacitance and gate charge
17-Jan-2013
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
Low input capacitance and gate charge
05-Nov-2012
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
Low input capacitance and gate charge
27-Mar-2009
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
Low gate charge and input capacitance
05-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com