Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 37N60DM2
Description  Extremely low gate charge and input capacitance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

37N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  37N60DM2 Datasheet HTML 1Page - STMicroelectronics 37N60DM2 Datasheet HTML 2Page - STMicroelectronics 37N60DM2 Datasheet HTML 3Page - STMicroelectronics 37N60DM2 Datasheet HTML 4Page - STMicroelectronics 37N60DM2 Datasheet HTML 5Page - STMicroelectronics 37N60DM2 Datasheet HTML 6Page - STMicroelectronics 37N60DM2 Datasheet HTML 7Page - STMicroelectronics 37N60DM2 Datasheet HTML 8Page - STMicroelectronics 37N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2015
DocID028271 Rev 1
1/15
This is information on a product in full production.
www.st.com
STB37N60DM2AG
Automotive-grade N-
channel 600 V, 0.094 Ω typ., 28 A
MDmesh™ DM2 Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STB37N60DM2AG
600 V
0.110
Ω
28 A
210 W
Designed for automotive applications and
AEC-Q101 qualified
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STB37N60DM2AG
37N60DM2
D²PAK
Tape and reel
1
3
TAB
D2PAK


Similar Part No. - 37N60DM2

ManufacturerPart #DatasheetDescription
logo
Semikron International
37NAB066V1 SEMIKRON-37NAB066V1 Datasheet
1Mb / 4P
3-phase bridge rectifier
37NAB066V1 SEMIKRON-37NAB066V1 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper 3-phase bridge inverter
27-11-2007
37NAB066V1 SEMIKRON-37NAB066V1_07 Datasheet
1Mb / 4P
3-phase bridge rectifier
37NAB12T4V1 SEMIKRON-37NAB12T4V1 Datasheet
1Mb / 4P
3-phase bridge rectifier
37NAB12T4V1 SEMIKRON-37NAB12T4V1 Datasheet
1Mb / 8P
Converter-Inverter-Brake (CIB)
Rev. 6.0 - 27.09.2021
More results

Similar Description - 37N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB28N60DM2 STMICROELECTRONICS-STB28N60DM2 Datasheet
1Mb / 20P
Extremely low gate charge and input capacitance
09-Dec-2015
STB35N60DM2 STMICROELECTRONICS-STB35N60DM2 Datasheet
915Kb / 15P
Extremely low gate charge and input capacitance
08-Sep-2015
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
STB45N40DM2AG STMICROELECTRONICS-STB45N40DM2AG Datasheet
914Kb / 15P
Extremely low gate charge and input capacitance
27-Aug-2015
STP45N40DM2AG STMICROELECTRONICS-STP45N40DM2AG Datasheet
733Kb / 13P
Extremely low gate charge and input capacitance
03-Sep-2015
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
Low input capacitance and gate charge
31-Oct-2013
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
Low input capacitance and gate charge
17-Jan-2013
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
Low input capacitance and gate charge
05-Nov-2012
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
Low input capacitance and gate charge
27-Mar-2009
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
Low gate charge and input capacitance
05-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com