Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP762 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BSP762
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP762 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BSP762 Datasheet HTML 8Page - Infineon Technologies AG BSP762 Datasheet HTML 9Page - Infineon Technologies AG BSP762 Datasheet HTML 10Page - Infineon Technologies AG BSP762 Datasheet HTML 11Page - Infineon Technologies AG BSP762 Datasheet HTML 12Page - Infineon Technologies AG BSP762 Datasheet HTML 13Page - Infineon Technologies AG BSP762 Datasheet HTML 14Page - Infineon Technologies AG BSP762 Datasheet HTML 15Page - Infineon Technologies AG BSP762 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2004-01-27
Page 13
BSP 762 T
Maximum allowable load inductance
for a single switch off
L = f(IL); Tjstart=150°C, Vbb=13.5V, RL=0Ω
0
0.5
1
1.5
A
2.5
IL
0
500
1000
1500
2000
mH
3000
Maximum allowable inductive switch-off
energy, single pulse
EAS = f(IL); Tjstart = 150°C, Vbb = 13,5V
0
0.5
1
1.5
A
2.5
IL
0
500
1000
1500
mJ
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com