Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF43N60DM2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF43N60DM2
Description  N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF43N60DM2 Datasheet(HTML) 3 Page - STMicroelectronics

  STF43N60DM2 Datasheet HTML 1Page - STMicroelectronics STF43N60DM2 Datasheet HTML 2Page - STMicroelectronics STF43N60DM2 Datasheet HTML 3Page - STMicroelectronics STF43N60DM2 Datasheet HTML 4Page - STMicroelectronics STF43N60DM2 Datasheet HTML 5Page - STMicroelectronics STF43N60DM2 Datasheet HTML 6Page - STMicroelectronics STF43N60DM2 Datasheet HTML 7Page - STMicroelectronics STF43N60DM2 Datasheet HTML 8Page - STMicroelectronics STF43N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STF43N60DM2
Electrical ratings
DocID026789 Rev 2
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
(1)
Drain current (continuous) at Tcase = 25 °C
34
A
Drain current (continuous) at Tcase = 100 °C
21
IDM
(2)
Drain current (pulsed)
136
A
PTOT
Total dissipation at Tcase = 25 °C
40
W
dv/dt
(3)
Peak diode recovery voltage slope
50
V/ns
dv/dt
(4)
MOSFET dv/dt ruggedness
50
VISO
Insulation withstand voltage (RMS) from all three leads
to external heat sink (t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
Notes:
(1)
limited by maximum junction temperature.
(2)
Pulse width is limited by safe operating area.
(3)
ISD
≤ 34 A, di/dt=900 A/μs; VDS peak < V(BR)DSS, VDD = 400 V.
(4)
VDS
≤ 480 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.32
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
6
A
EAS
(1)
Single pulse avalanche energy
800
mJ
Notes:
(1)
starting Tj = 25 °C, ID = IAR, VDD = 50 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com