Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS79B Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS79B
Description  NPN Silicon Switching Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS79B Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS79B Datasheet HTML 1Page - Infineon Technologies AG BSS79B Datasheet HTML 2Page - Infineon Technologies AG BSS79B Datasheet HTML 3Page - Infineon Technologies AG BSS79B Datasheet HTML 4Page - Infineon Technologies AG BSS79B Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS79, BSS81
3
Nov-30-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Delay time
VCC = 30 V, IC = 150 mA, IB1 = 15 mA,
VBE(off) = 0.5 V
td
-
-
10
ns
Rise time
VCC = 30 V, IC = 150 mA, IB1 = 15 mA,
VBE(off) = 0.5 V
tr
-
-
25
Storage time
VCC = 30 V, IC = 150 mA, IB1=IB2 = 15mA
tstg
-
-
250
Fall time
VCC = 30 V, IC = 150 mA, IB1=IB2 = 15mA
tf
-
-
60
Test circuits
Delay and rise time
Storage and fall time
EHN00045
200
Osc.
619
30
9.9
0
0.5
Ω
Ω
V
V
V
EHN00046
200
Osc.
1
30
16.2
0
-13.8
-3.0
µ
500
~s
s
~100
µ
< 5 ns
Ω
Ω
V
V
V
V
k
Oscillograph: R > 100k

C < 12pF
tr < 5ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com