Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0804LCWM/NOPB
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADC0804LCWM/NOPB Datasheet HTML 37Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 38Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 39Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 40Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 41Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 42Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 43Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 44Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
System Examples (continued)
Figure 52. Zero-Shift and Span Adjust: 2 V
≤ VIN ≤ 5
Figure 53. Span Adjust: 0 V
≤ VIN ≤ 3 V
V
VREF/2 = 256 mV
For: VIN(+)>VIN(−); Output = FFHEX
For: VIN(+) < VIN(−); Output = 00HEX
Figure 54. Directly Converting a Low-Level Signal
Figure 55. A µP Interfaced Comparator
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com