Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS5294IPFPR Datasheet HTML 1Page - Texas Instruments ADS5294IPFPR Datasheet HTML 2Page - Texas Instruments ADS5294IPFPR Datasheet HTML 3Page - Texas Instruments ADS5294IPFPR Datasheet HTML 4Page - Texas Instruments ADS5294IPFPR Datasheet HTML 5Page - Texas Instruments ADS5294IPFPR Datasheet HTML 6Page - Texas Instruments ADS5294IPFPR Datasheet HTML 7Page - Texas Instruments ADS5294IPFPR Datasheet HTML 8Page - Texas Instruments ADS5294IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
ADS5294
www.ti.com
SLAS776D – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Timing at Different Sampling Frequencies — 2-Wire Interface, 7x-Serialization, Digital Filter Disabled . ........................... 14
•
Added test condition "Digital Filter Disabled" and changed "LVDS output rate" to "ADC CLK Frequency" in LVDS
Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Digital Filter Disabled . ......................... 14
•
Added note after LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Digital
Filter Disabled : The above LVDS timing spec is only valid when digital filters are disabled... ........................................... 14
•
Added LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Decimation by 2 Filter
Enabled ................................................................................................................................................................................ 16
•
Added LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Decimation by 4 Filter
Enabled ................................................................................................................................................................................ 16
•
Added LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Decimation by 8 Filter
Enabled ................................................................................................................................................................................ 16
•
Added a note related to EN_CUSTOM_FILT and changed formats in Table 9. .................................................................. 33
•
Added PLL Operation Versus LVDS Timing before APPLICATION INFORMATION section ............................................ 35
•
Added a note link to Reg.0x38 . ........................................................................................................................................... 44
•
Changed 0xF[15] to 0xF0[15] in the description of Reg.0x42. ............................................................................................. 44
•
Changed the Reg.0x46[11:8] formatting. ............................................................................................................................. 44
•
Corrected the EN_RAMP address from 0x24 to 0x25 in the section of LVDS test patterns. ............................................. 47
•
Changed "Note that these bits are functional only when the GLOBAL_EN_FILTER gets set to 1" to " Note that these
bits are functional only when the GLOBAL_EN_FILTER gets set to 1 and USE_FILTERn bit is set to 1” in the
section of Decimation Filter,. ............................................................................................................................................... 54
•
Added a note related to EN_CUSTOM_FILT and changed formats inTable 17 . ................................................................ 55
•
Changed Equation (5). ......................................................................................................................................................... 59
•
Added register address in Table 23. .................................................................................................................................... 59
•
Revised Figure 63 and moved the 2pF cap to the left hand side of the resistors. .............................................................. 66
•
Added a note regarding the location of LVDS Rterm in the section of Input clock. ............................................................ 67
Changes from Revision A (November 2011) to Revision B
Page
•
Changed the location of OUT A and OUT B in Figure 5 and Figure 6................................................................................. 20
•
Added Figure 45 ................................................................................................................................................................... 31
•
Replaced Table 9 (Decimation Filter Modes) with new Table 1 - Digital Filters................................................................... 33
•
Deleted section: Synchronization Pulse ............................................................................................................................... 35
•
Added EN_HIGH_ADDRS to Table 3................................................................................................................................... 40
•
Moved EN_EXT_REF From: 0x0F To: 0xF0 in Table 3....................................................................................................... 45
•
Added the section BIT-BYTE-WORD WISE OUTPUT. Added Figure 53 and Figure 54..................................................... 48
•
Added section DIGITAL PROCESSING BLOCKS ............................................................................................................... 49
•
Replaced Table 5 and Table 6 with new Table 17 - Digital Filters....................................................................................... 55
•
Changed the SYNCHRONIZATION PULSE section ............................................................................................................ 58
•
Added the External Reference Mode of Operation section .................................................................................................. 59
Changes from Original (November 2011) to Revision A
Page
•
Changed From: Product Preview To: Production ................................................................................................................... 1
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com