Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563T Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563T
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563T Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC8563T Datasheet HTML 35Page - Texas Instruments DAC8563T Datasheet HTML 36Page - Texas Instruments DAC8563T Datasheet HTML 37Page - Texas Instruments DAC8563T Datasheet HTML 38Page - Texas Instruments DAC8563T Datasheet HTML 39Page - Texas Instruments DAC8563T Datasheet HTML 40Page - Texas Instruments DAC8563T Datasheet HTML 41Page - Texas Instruments DAC8563T Datasheet HTML 42Page - Texas Instruments DAC8563T Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
(
)
REF _ MAX
REF _ MIN
6
REF
RANGE
V
V
Drift Error
10
ppm / C
V
T
-
æ
ö
=
´
°
ç
÷
ç
÷
´
è
ø
V
A
OUT
V
B
OUT
GND
LDAC
CLR
1
2
3
4
5
6
7
8
9
10
SYNC
SYNC
SCLK
SCLK
D
IN
D
IN
AV
DD
AV
DD
V
/V
REFIN
REFOUT
V
/
V
REFIN
REFOUT
1
2
3
4
5
6
7
8
9
10
V
A
OUT
V
B
OUT
GND
LDAC
CLR
AV
DD
AV
DD
1
F
m
1
F
m
150 nF
150 nF
DGS
DSC
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
www.ti.com
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 DAC Internal Reference
The internal reference of the DAC756xT, DAC816xT, and DAC856xT devices does not require an external load
capacitor for stability because it is stable without any capacitive load. However, for improved noise performance,
an external load capacitor of 150 nF or larger connected to the VREFIN/VREFOUT output is recommended. Figure 94
shows the typical connections required for operation of the DAC756xT, DAC816xT, and DAC856xT internal
reference. A supply bypass capacitor at the AVDD input is also recommended.
Figure 94. Typical Connections for Operating the DAC756xT, DAC816xT, and DAC856xT Internal
Reference
9.1.1.1 Supply Voltage
The internal reference features an extremely low dropout voltage. It can be operated with a supply of only 5 mV
above the reference output voltage in an unloaded condition. For loaded conditions, see the Load Regulation
section. The stability of the internal reference with variations in supply voltage (line regulation, dc PSRR) is also
exceptional. Within the specified supply voltage range of 2.7 V to 5.5 V, the variation at VREFIN/VREFOUT is
typically 50
μV/V; see Figure 7.
9.1.1.2 Temperature Drift
The internal reference is designed to exhibit minimal drift error, defined as the change in reference output voltage
over varying temperature. The drift is calculated using the box method described by Equation 3:
(3)
where:
VREF_MAX = maximum reference voltage observed within temperature range TRANGE.
VREF_MIN = minimum reference voltage observed within temperature range TRANGE.
VREF = 2.5 V, target value for reference output voltage.
TRANGE = the characterized range from –40°C to 125°C (165°C range)
The internal reference features an exceptional typical drift coefficient of 4 ppm/°C from –40°C to 125°C.
Characterizing a large number of units, a maximum drift coefficient of 10 ppm/°C is observed. Temperature drift
results are summarized in Figure 3.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com