Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25SC6Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA25SC6Y
Description  Automotive quad Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25SC6Y Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA25SC6Y Datasheet HTML 1Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 2Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 3Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 4Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 5Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA25SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ESDASCY
Characteristics
Doc ID 022084 Rev 1
3/12
Table 2.
Electrical characteristics - values (Tamb = 25 °C)
Order code
VBR @ IR
IRM @ VRM
VCL @ Ipp
(1)
VF@ IF
Rd(2)
TC
line
(3)
min.
max.
max.
typ.
max.
typ.
max.
typ.
VV
mA
µA
VV
A
V
mA
m
10-4/C
pF
ESDA5V3SC6Y
5.3
5.9
1
2
3
18
22
1.25
200
230
5
280
ESDA6V1SC6Y
6.1
7.2
1
20
5.2
22
18
1.25
200
350
6
190
ESDA14V2SC5Y
14.2
15.8
1
5
12
21
14
1.25
200
650
10
100
ESDA25SC6Y
25
30
1
1
24
30
10
1.2
10
1000
10
60
1.
8/20 µs waveform
2.
Square pulse, Ipp = 15 A, tp= 2.5 µs.
3.
 V
BR = T* (Tamb - 25 °C) * VBR (25 °C)
Figure 4.
Pulse power versus initial junction
temperature
Figure 5.
Peak pulse power versus
exponential pulse duration
(typical values)
0
100
200
300
400
500
600
0
25
50
75
100
125
150
175
8/20µs
PPP (W)
Tj (°C)
P (W)
pp
1
10
100
1000
10000
10
100
1000
t (µs)
p
Figure 6.
Clamping voltage versus peak
pulse current (typical values,
8/20 µs waveform)
Figure 7.
Leakage current versus junction
temperature (typical values)
I (A)
pp
0,1
1
10
100
4
8
12
16
20
24
28
32
36
ESDA5V3SC6Y
ESDA25SCY
ESD14V2SC5Y
ESDA6V1SC6Y
8/20µs
TJ=25-C
V (V)
cl
0.01
0.1
1
10
100
1000
10000
25
50
75
100
125
150
ESDA5V3SC6Y
(VR=3V)
ESDA25SCY
(VR=24V)
ESD14V2SC5Y
(VR=12V)
ESDA6V1SC6Y
(VR=5.2V)
T (°C)
j
IR (nA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com