Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS149 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS149
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS149 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS149 Datasheet HTML 1Page - Infineon Technologies AG BTS149 Datasheet HTML 2Page - Infineon Technologies AG BTS149 Datasheet HTML 3Page - Infineon Technologies AG BTS149 Datasheet HTML 4Page - Infineon Technologies AG BTS149 Datasheet HTML 5Page - Infineon Technologies AG BTS149 Datasheet HTML 6Page - Infineon Technologies AG BTS149 Datasheet HTML 7Page - Infineon Technologies AG BTS149 Datasheet HTML 8Page - Infineon Technologies AG BTS149 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004-02-02
Page 3
BTS 149
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj=25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Drain source clamp voltage
Tj = - 40 ...+ 150°C, ID = 10 mA
VDS(AZ)
60
-
73
V
Off state drain current
VDS = 32 V, Tj = -40...+150 °C, VIN = 0 V
IDSS
-
-
25
µA
Input threshold voltage
ID = 3,9 mA
VIN(th)
1.3
1.7
2.2
V
Input current - normal operation, ID<ID(lim):
VIN = 10 V
IIN(1)
-
-
100
µA
Input current - current limitation mode, ID=ID(lim):
VIN = 10 V
IIN(2)
-
400
1000
Input current - after thermal shutdown, ID=0 A:
VIN = 10 V
IIN(3)
1500
3000
6000
Input holding current after thermal shutdown1)
Tj = 25 °C
Tj = 150 °C
IIN(H)
500
300
-
-
-
-
On-state resistance
VIN = 5 V, ID = 19 A, Tj = 25 °C
VIN = 5 V, ID = 19 A, Tj = 150 °C
RDS(on)
-
-
18
30
22
44
m
Ω
On-state resistance
VIN = 10 V, ID = 19 A, Tj = 25 °C
VIN = 10 V, ID = 19 A, Tj = 150 °C
RDS(on)
-
-
14
25
18
36
Nominal load current (ISO 10483)
VIN = 10 V, VDS = 0.5 V, TC = 85 °C
ID(ISO)
19
A
1If the input current is limited by external components, low drain currents can flow and heat the device.
Auto restart behaviour can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com