Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93S46-W Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93S46-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S46-W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93S46-W Datasheet HTML 17Page - STMicroelectronics M93S46-W Datasheet HTML 18Page - STMicroelectronics M93S46-W Datasheet HTML 19Page - STMicroelectronics M93S46-W Datasheet HTML 20Page - STMicroelectronics M93S46-W Datasheet HTML 21Page - STMicroelectronics M93S46-W Datasheet HTML 22Page - STMicroelectronics M93S46-W Datasheet HTML 23Page - STMicroelectronics M93S46-W Datasheet HTML 24Page - STMicroelectronics M93S46-W Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
M93S46-W M93S56-W M93S66-W
Power-up and delivery states
DocID5124 Rev 7
21/32
6
Power-up and delivery states
6.1
Power-up state
After Power-up, the device is in the following state:
•
low power Standby Power mode
•
deselected
6.2
Initial delivery state
The device is delivered with the memory array set at all 1s (FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com