Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93S66-125 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93S66-125
Description  Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-125 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93S66-125 Datasheet HTML 17Page - STMicroelectronics M93S66-125 Datasheet HTML 18Page - STMicroelectronics M93S66-125 Datasheet HTML 19Page - STMicroelectronics M93S66-125 Datasheet HTML 20Page - STMicroelectronics M93S66-125 Datasheet HTML 21Page - STMicroelectronics M93S66-125 Datasheet HTML 22Page - STMicroelectronics M93S66-125 Datasheet HTML 23Page - STMicroelectronics M93S66-125 Datasheet HTML 24Page - STMicroelectronics M93S66-125 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
M93S66-125 M93S56-125 M93S46-125
DC and AC parameters
Doc ID 022567 Rev 1
21/28
Table 8.
DC characteristics (M93Sx6-W, device grade 3)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤VIN ≤VCC
±2.5
µA
ILO
Output leakage current
0V
≤VOUT ≤VCC, Q in Hi-Z
±2.5
µA
ICC
Supply current (CMOS
inputs)
VCC = 5 V, S = VIH, f = 2 MHz
2
mA
VCC = 2.5 V, S = VIH, f = 2 MHz
1
mA
ICC1
Supply current (stand-by)
VCC = 2.5 V, S = VSS, C = VSS
5
µA
VIL
Input low voltage (D, C, S)
–0.45
0.2 VCC
V
VIH
Input high voltage (D, C,
S)
0.7 VCC
VCC + 1
V
VOL
Output low voltage (Q)
VCC = 5 V, IOL = 2.1mA
0.4
V
VCC = 2.5 V, IOL = 100µA
0.2
V
VOH
Output high voltage (Q)
VCC = 5 V, IOH = –400µA
2.4
V
VCC = 2.5 V, IOH = –100µA
VCC–0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com