Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M81500FP Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # M81500FP
Description  Intellimod HVIC Single Chip Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81500FP Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  M81500FP Datasheet HTML 1Page - Powerex Power Semiconductors M81500FP Datasheet HTML 2Page - Powerex Power Semiconductors M81500FP Datasheet HTML 3Page - Powerex Power Semiconductors M81500FP Datasheet HTML 4Page - Powerex Power Semiconductors M81500FP Datasheet HTML 5Page - Powerex Power Semiconductors M81500FP Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M81500FP
Intellimod™ HVIC
Single Chip Inverter
2
03/10 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Ta = 25°C unless otherwise specified
Characteristics
Symbol
M81500FP
Units
Collector-Emitter Voltage
VCES
-0.5 ~ 500
Volts
Control Power Supply Voltage
VD
-0.5 ~ 23
Volts
Input Voltage (UPIN, VPIN, WPIN, UNIN, VNIN, WNIN)
VIN
-0.5 ~ VCC+0.5
Volts
Collector Current
IC
0.6
Amperes
Peak Collector Current
ICP
1.0
Amperes
Power Dissipation (On Board, Ta = 25°C)
PD
2.6
Watts
Power Dissipation (On Board, TC = 25°C)
PD
25
Watts
Junction Temperature
Tj
-20 ~ 150
°C
Operating Temperature
Topr
-20 ~ 125
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
High Voltage Supply
VCC
Applied across P-N Terminals
50
280
450
Volts
Control Power Supply Voltage
VD
15.675
16.5
17.325
Volts
Input Voltage
VIN
0
—
7
Volts
(UPIN, VPIN, WPIN, UNIN, VNIN, WNIN)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com