Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78L12ABZ Datasheet(PDF) 43 Page - STMicroelectronics

Part # L78L12ABZ
Description  Positive voltage regulators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L12ABZ Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L78L12ABZ Datasheet HTML 38Page - STMicroelectronics L78L12ABZ Datasheet HTML 39Page - STMicroelectronics L78L12ABZ Datasheet HTML 40Page - STMicroelectronics L78L12ABZ Datasheet HTML 41Page - STMicroelectronics L78L12ABZ Datasheet HTML 42Page - STMicroelectronics L78L12ABZ Datasheet HTML 43Page - STMicroelectronics L78L12ABZ Datasheet HTML 44Page - STMicroelectronics L78L12ABZ Datasheet HTML 45Page - STMicroelectronics L78L12ABZ Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
DocID2145 Rev 25
43/46
L78L
Ordering information
46
Table 29. Marking information
Part numbers
Marking
Packages
Output voltages
L78L05ABD13TR
78L05B
SO-8
5 V
L78L05ABUTR
8C
SOT-89
5 V
L78L05ABZ
L78L05A
TO-92
5 V
L78L05ABZ-AP
L78L05A
TO-92
5 V
L78L05ABZ-TR
L78L05A
TO-92
5 V
L78L05ACD13TR
78L05A
SO-8
5 V
L78L05ACUTR
8C
SOT-89
5 V
L78L05ACZ
L78L05A
TO-92
5 V
L78L05ACZ-AP
L78L05A
TO-92
5 V
L78L05ACZTR
L78L05A
TO-92
5 V
L78L05CD13TR
78L05
SO-8
5 V
L78L05CZ
L78L05A
TO-92
5 V
L78L06ABUTR
8E
SOT-89
6 V
L78L06ABZ
L78L06A
TO-92
6 V
L78L06ACD13TR
L78L06A
SO-8
6 V
L78L06ACUTR
8E
SOT-89
6 V
L78L08ABD13TR
78L08B
SO-8
8 V
L78L08ABUTR
8G
SOT-89
8 V
L78L08ABZ-AP
L78L08A
TO-92
8 V
L78L08ABZTR
L78L08A
TO-92
8 V
L78L08ACD13TR
78L08A
SO-8
8 V
L78L08ACUTR
8G
SOT-89
8 V
L78L08ACZ
L78L08A
TO-92
8 V
L78L08ACZ-AP
L78L08A
TO-92
8 V
L78L08ACZTR
L78L08A
TO-92
8 V
L78L08CD13TR
78L08
SO-8
8 V
L78L09ABD13TR
78L09B
SO-8
8 V
L78L09ABZ
L78L09A
TO-92
9 V
L78L09ABUTR
8H
SOT-89
9 V
L78L09ACD13TR
78L09A
SO8
9 V
L78L09ACUTR
8H
SOT-89
9 V
L78L09ACZ-AP
L78L09A
TO-92
9 V
L78L09ACZ-TR
L78L09A
TO-92
9 V
L78L09CD13TR
L78L09A
SO-8
9 V
L78L10ACUTR
8I
SOT-89
10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com