Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD360T4-A Datasheet(PDF) 3 Page - STMicroelectronics

Part # MJD360T4-A
Description  Low voltage complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD360T4-A Datasheet(HTML) 3 Page - STMicroelectronics

  MJD360T4-A Datasheet HTML 1Page - STMicroelectronics MJD360T4-A Datasheet HTML 2Page - STMicroelectronics MJD360T4-A Datasheet HTML 3Page - STMicroelectronics MJD360T4-A Datasheet HTML 4Page - STMicroelectronics MJD360T4-A Datasheet HTML 5Page - STMicroelectronics MJD360T4-A Datasheet HTML 6Page - STMicroelectronics MJD360T4-A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJD360T4-A, MJD361T4-A
Electrical characteristics
Doc ID 16126 Rev 1
3/7
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Note:
For PNP types voltage and current values are negative.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCE = 60 V
20
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 4 V
100
µA
V(BR)CEO
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
60
V
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 1 mA
60
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IC = 100 µA
5
V
VCE(sat)
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤2 %.
Collector-emitter
saturation voltage
IC = 200 mA
IB = 10 mA
IC = 1 A
IB = 50 mA
IC = 3 A
IB = 150 mA
0.1
0.3
0.9
V
V
V
hFE
(1)
DC current gain
IC = 200 mA
VCE = 1 V
IC = 1 A
_
VCE = 4 V
IC = 3 A
VCE = 4 V
90
60
30
130
100
60



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com