Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD10HF60KD Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGD10HF60KD
Description  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10HF60KD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGD10HF60KD Datasheet HTML 8Page - STMicroelectronics STGD10HF60KD Datasheet HTML 9Page - STMicroelectronics STGD10HF60KD Datasheet HTML 10Page - STMicroelectronics STGD10HF60KD Datasheet HTML 11Page - STMicroelectronics STGD10HF60KD Datasheet HTML 12Page - STMicroelectronics STGD10HF60KD Datasheet HTML 13Page - STMicroelectronics STGD10HF60KD Datasheet HTML 14Page - STMicroelectronics STGD10HF60KD Datasheet HTML 15Page - STMicroelectronics STGD10HF60KD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Electrical characteristics
STGD10HF60KD
12/21
DocID022874 Rev 3
Figure 26. Diode thermal impedance
R
1
R
2
R
3
R
4
R
5
R
6
R
7
R
8
R
9
+
-
Ptot(t)
C
1
C
2
C
3
C
4
C
5
C
6
C
7
C
8
C
9
Tcase
Junction
+
-
Zth=k Rthj-c
δ=tp/τ
tp
τ
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
K
0.05
0.02
0.01
Single pulse
0.1
0.2
δ=0.5
10
-2
10
-1
AM04949v1
Table 10. Diode RC-Cauer thermal network
Symbol
Value
Unit
Symbol
Value
Unit
R1
0.478
°C/W
C1
0.8E-4
W*s/°C
R2
0.542
°C/W
C2
1E-4
W*s/°C
R3
0.600
°C/W
C3
2E-4
W*s/°C
R4
0.277
°C/W
C4
0.5E-5
W*s/°C
R5
0.844
°C/W
C5
0.145E-2
W*s/°C
R6
0.313
°C/W
C6
0.499E-4
W*s/°C
R7
0.108
°C/W
C7
0.727E-3
W*s/°C
R8
0.891
°C/W
C8
0.393E-4
W*s/°C
R9
1.73
°C/W
C9
0.0176
W*s/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com