Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI55NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI55NF03L
Description  N-channel 30 V, 0.01 Ω, 55 A, I²PAK STripFET™ II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI55NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STI55NF03L Datasheet HTML 1Page - STMicroelectronics STI55NF03L Datasheet HTML 2Page - STMicroelectronics STI55NF03L Datasheet HTML 3Page - STMicroelectronics STI55NF03L Datasheet HTML 4Page - STMicroelectronics STI55NF03L Datasheet HTML 5Page - STMicroelectronics STI55NF03L Datasheet HTML 6Page - STMicroelectronics STI55NF03L Datasheet HTML 7Page - STMicroelectronics STI55NF03L Datasheet HTML 8Page - STMicroelectronics STI55NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 2011
Doc ID 018838 Rev 1
1/12
12
STI55NF03L
N-channel 30 V, 0.01
Ω, 55 A, I²PAK
STripFET™ II Power MOSFET
Features
■ Optimized for high switching operation
■ Low gate charge
■ Logic level gate drive
Application
■ Switching applications
– Automotive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps allowing remarkable
manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STI55NF03L
30 V
< 0.013
Ω
55 A
I²PAK
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STI55NF03L
55NF03L
I²PAK
Tube
www.st.com


Similar Part No. - STI55NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5500 STMICROELECTRONICS-STI5500 Datasheet
317Kb / 11P
SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
Oct-1997
logo
List of Unclassifed Man...
STI5512 ETC-STI5512 Datasheet
110Kb / 2P
HIGH RELIABILITY FOR LOW COST WIDE FREQUENCY RANGE
logo
STMicroelectronics
STI5514 STMICROELECTRONICS-STI5514 Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
STI5514-DVB STMICROELECTRONICS-STI5514-DVB Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
STI5514-MBOARD STMICROELECTRONICS-STI5514-MBOARD Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
More results

Similar Description - STI55NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STB78NF55-08 STMICROELECTRONICS-STB78NF55-08 Datasheet
819Kb / 19P
N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
19-Jul-2016
STH90N55F4-2 STMICROELECTRONICS-STH90N55F4-2 Datasheet
768Kb / 16P
N-channel 55 V, 0.0064 Ω, 90 A, H2PAK STripFET™ DeepGATE™ Power MOSFET
11-Aug-2011
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
STK24N4LLF5 STMICROELECTRONICS-STK24N4LLF5 Datasheet
237Kb / 12P
N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com