Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL66DN3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL66DN3LLH5
Description  Dual N-channel 30 V, 5.9 mΩ, 20 A STripFET™ V Power MOSFET in PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66DN3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL66DN3LLH5 Datasheet HTML 1Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 2Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 3Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
March 2012
Doc ID 022353 Rev 2
1/15
15
STL66DN3LLH5
Dual N-channel 30 V, 5.9 m
Ω, 20 A STripFET™ V Power MOSFET
in PowerFLAT™ 5x6 double island package
Datasheet — production data
Features
■ Logic level VGS(th)
■ 175 °C junction temperature
Applications
■ Switching applications
■ Automotive
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to an FOM that is among the best in
its class.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL66DN3LLH5
30 V
< 6.5 m
Ω
20 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ 5x6
double island
1
2
3
4
Top view
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL66DN3LLH5
66DN3LLH5
PowerFLAT™ 5x6 double island
Tape and reel
www.st.com


Similar Part No. - STL66DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL66N3LLH5 STMICROELECTRONICS-STL66N3LLH5 Datasheet
985Kb / 15P
Automotive-grade dual N-channel 30 V, 4.5 mΩ typ., 80 A STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
22-Jan-2016
More results

Similar Description - STL66DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
07-Dec-2010
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
February 2012 Rev 3
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
21-Mar-2018
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-May-2017
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com