Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC Datasheet(PDF) 2 Page - XP Power Limited

Part # SDC
Description  High Power Density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDC Datasheet(HTML) 2 Page - XP Power Limited

  SDC Datasheet HTML 1Page - XP Power Limited SDC Datasheet HTML 2Page - XP Power Limited SDC Datasheet HTML 3Page - XP Power Limited SDC Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Models and Ratings
SDC320
Output Power
Output 1
Output 2
Model Number
Forced Air
Cooled
Convection
Cooled
Voltage
Current
Voltage
Current
Auto Ranging
Input(2)
Universal
Input
Forced Air Convection
Peak(1)
Forced Air Convection Peak(1)
225 W
136 W(4)
5 V
45.00 A
27.28 A (4) 140.00 A
SDC320AS05(7)
SDC320PS05(7)
260 W(5)
147 W(6)
9 V
29.10 A (5) 16.37 A (6)
77.79 A
SDC320AS09(7)
SDC320PS09(7)
320 W
180 W
12 V
26.67 A
15.00 A
58.33 A
SDC320AS12
SDC320PS12
320 W
180 W
15 V
21.33 A
12.00 A
46.77 A
SDC320AS15(7)
SDC320PS15(7)
320 W
180 W
18 V
17.78 A
10.00 A
38.89 A
SDC320AS18(7)
SDC320PS18(7)
320 W
180 W
24 V
13.33 A
7.50 A
29.17 A
SDC320AS24
SDC320PS24
320 W
180 W
28 V
11.43 A
6.43 A
25.00 A
SDC320AS28(7)
SDC320PS28(7)
320 W
180 W
36 V
8.88 A
5.00 A
19.44 A
SDC320AS36
SDC320PS36
320 W
180 W
48 V
6.67 A
3.75 A
14.58 A
SDC320AS48
SDC320PS48
320 W
180 W
54 V
5.93 A
3.33 A
12.96 A
SDC320AS54(7)
SDC320PS54(7)
320 W
180 W
60 V
5.33 A
3.00 A
11.61 A
SDC320AS60(7)
SDC320PS60(7)
250 W
125 W
+5 V
30.00 A
15.00 A
36.00 A
+12 V
16.67 A
10.42 A
20.00 A SDC320AD0512(7) SDC320PD0512(7)
250 W
125 W
+5 V
30.00 A
15.00 A
36.00 A
+24 V
8.33 A
5.20 A
10.00 A SDC320AD0524(7) SDC320PD0524(7)
250 W
125 W
+5 V
30.00 A
15.00 A
36.00 A
+48 V
4.16 A
2.60 A
5.00 A SDC320AD0548(7) SDC320PD0548(7)
300 W
150 W
+12 V
16.67 A
12.50 A
20.00 A
+24 V
8.33 A
6.25 A
10.00 A SDC320AD1224 SDC320PD1224
Mechanical Options
• Add suffix ‘-F’ to the model number for a top fan cover (forced air cooled ratings apply).
• Add suffix ‘-E’ to the model number for an end fan cover (forced air cooled ratings apply).
• Add suffix ‘-C’ to the model number for a U-channel with vented cover.
For ‘A’ input models, convection-cooled output power available 125 W for 5 V & 9 V model & 170 W for other single output models.
Convection-cooled output power available for ‘P’ input models is not affected by adding vented cover.
Forced air cooled rating is available for ‘P’ input models with vented cover.
• Add suffix ‘D’ to the model number for JST connector, not available on SDC320AS05 or SDC320PS05 for OEM quantities, contact Sales.
• If no suffix is added to the model number the unit is a U-channel, convection-cooled ratings apply or external fan cooling required
(22 CFM for 5 V model, 18 CFM for all other ‘A’ models and 27 CFM for all ‘P’ models).
4.00
(101.60)
3.00 (76.20)
0.50 (12.70)
4.00 (101.60)
1.00 (25.40)
1.55 (39.30)
6.00 (152.40)
1.00 (25.40)
1.00 (25.40)
4.00 (101.60)
Standard Terminal Block
M3.5 Screw 7 Pins 9.5 mm Center
Option ‘D’
Mating Connector: JST connector housings VHR10N, VHR5N,
crimp terminals SVH41T-P1.1
A
A
A
CN2
PIN 1
CN1
FAN
A
A
B
A Mounting hole
6 places M3 x 0.5
A
2.14 (54.30)
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PIN 9
PIN 10
PIN 1
PIN 3
PIN 5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
Voltage
Adj.
FAN
+ -
For SDC320A
CN1
FAN
FAN
CN1
FAN
+ -
For SDC320P
Mechanical Details
All dimensions are in inches (mm)
Weight: 770 g (1.70 lbs)
Tolerance: ±0.012 in (±0.3 mm)
Max screw terminal torque: 15.7 lbs-in (1.8 Nm)
Max screw mount hole penetration : 0.16 (4.0)
Enclosed with Top Fan (‘ F’ Option)
Notes
1. Peak load can be taken for 500 µs. Average power not to exceed nominal power.
2. Add suffix ‘-L’ to model number for optional 500 µA leakage current (‘P’ input version only)
3. Ripple & noise is measured using 0.1 µF ceramic capacitor in parallel with 22 µF electrolytic
and 20 MHz bandwidth.
4. Convection-cooled rating for SDC320PS05 is 130 W, 26 A.
5. Forced air cooled rating for SDC320PS09 is 320 W, 35.5 A.
6. Convection-cooled rating for SDC320PS09 is 180 W, 20 A.
7. Available for OEM quantities, contact Sales.
PIN CONNECTIONS
Pin
Standard
JST (Option D)
Single
Dual
Single
Dual
1
Vout
Vout1
Vout
Vout1
2
Vout
Rtn
Vout
Vout1
3
Rtn
Rtn
Vout
Vout1
4
Rtn
Vout2
Vout
Rtn
5
Ground
Ground
Vout
Rtn
6
Neutral
Neutral
Rtn
Rtn
7
Live
Live
Rtn
Rtn
8
Rtn
Rtn
9
Rtn
Vout2
10
Rtn
Vout2
Signal Connector mating part is JST XHP-3 for SDC320A, JST XHP-4 for SDC320P
Crimp terminals SXH-002T-P0.6
1
Ground
Ground
3
Neutral
Neutral
5
Live
Live



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com