Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L15C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS40L15C
Description  Low drop OR-ing power Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L15C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS40L15C Datasheet HTML 1Page - STMicroelectronics STPS40L15C Datasheet HTML 2Page - STMicroelectronics STPS40L15C Datasheet HTML 3Page - STMicroelectronics STPS40L15C Datasheet HTML 4Page - STMicroelectronics STPS40L15C Datasheet HTML 5Page - STMicroelectronics STPS40L15C Datasheet HTML 6Page - STMicroelectronics STPS40L15C Datasheet HTML 7Page - STMicroelectronics STPS40L15C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS40L15C
Package information
Doc ID 4926 Rev 6
5/8
2
Package information
●
Epoxy meets UL94,V0
●
Cooling method: by conduction (C)
●
Recommended torque values for: TO-220AB 0.4 to 0.6 N·m
●
Recommended torque values for: TO-247 0.9 to 1.2 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
TO-220AB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.106
D
2.40
2.72
0.094
0.009
E
0.49
0.70
0.019
0.037
F
0.61
0.88
0.024
0.067
F1
1.14
1.70
0.044
0.024
F2
1.14
1.70
0.044
0.054
G
4.95
5.15
0.194
0.368
G1
2.40
2.70
0.094
0.409
H2
10
10.40
0.393
0.208
L2
16.4 typ
0.645 typ
L4
13
14
0.511
0.055
L5
2.65
2.95
0.104
0.069
L6
15.25
15.75
0.600
0.126
L7
6.20
6.60
0.244
L9
3.50
3.93
0.137
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com