Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574ADWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574ADWR
Description  Remote 8-Bit I/O Expander
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574ADWR Datasheet(HTML) 2 Page - Texas Instruments

  PCF8574ADWR Datasheet HTML 1Page - Texas Instruments PCF8574ADWR Datasheet HTML 2Page - Texas Instruments PCF8574ADWR Datasheet HTML 3Page - Texas Instruments PCF8574ADWR Datasheet HTML 4Page - Texas Instruments PCF8574ADWR Datasheet HTML 5Page - Texas Instruments PCF8574ADWR Datasheet HTML 6Page - Texas Instruments PCF8574ADWR Datasheet HTML 7Page - Texas Instruments PCF8574ADWR Datasheet HTML 8Page - Texas Instruments PCF8574ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
PCF8574A
SCPS069F – JULY 2001 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 11
1
Features .................................................................. 1
8.3
Feature Description................................................. 12
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
9
Application and Implementation ........................ 15
4
Revision History..................................................... 2
9.1
Application Information............................................ 15
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 15
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 18
6.1
Absolute Maximum Ratings .................................... 4
10.1
Power-On Reset Requirements ........................... 18
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 20
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 20
6.4
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 20
6.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 21
6.6
I2C Interface Timing Requirements........................... 5
12.1
Trademarks ........................................................... 21
6.7
Switching Characteristics .......................................... 5
12.2
Electrostatic Discharge Caution ............................ 21
6.8
Typical Characteristics .............................................. 6
12.3
Glossary ................................................................ 21
7
Parameter Measurement Information .................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 11
Information ........................................................... 21
8.1
Overview ................................................................. 11
4 Revision History
Changes from Revision E (January 2015) to Revision F
Page
•
Added Junction temperature to the Absolute Maximum Ratings
(2) ....................................................................................... 4
•
Changed Supply Current (A) To: Supply Current (µA) and fSCL = 400 kHz to fSCL = 100 kHz in Figure 1 ............................ 6
•
Changed Supply Current (A) To: Supply Current (µA) in Figure 2 ........................................................................................ 6
•
Changed Supply Current (A) To: Supply Current (µA) and fSCL = 400 kHz to fSCL = 100 kHz in Figure 3 ............................ 6
Changes from Revision D (October 2005) to Revision E
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: PCF8574A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com