Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS707 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS707 Datasheet HTML 1Page - Infineon Technologies AG BTS707 Datasheet HTML 2Page - Infineon Technologies AG BTS707 Datasheet HTML 3Page - Infineon Technologies AG BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTS 707
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Semiconductor Group
3
2003-Oct-01
Power dissipation (DC)2)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3
1.6
W
Electrostatic discharge capability (ESD)
IN, ST:
(Human Body Model)
all other pins:
VESD
1.0
1.0
kV
Input voltage (DC)
VIN
-0.5 ... +36
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagram page 7
IIN
IST
±2.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
junction - soldering point2),3)
each channel:
Rthjs
--
--
18
K/W
junction - ambient2)
one channel active:
all channels active:
Rthja
--
--
45
37
--
--
2
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 12
3
)
Soldering point: upper side of solder edge of device pin 15. See page 12
Electrical Characteristics
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT)
IL = 2 A
each channel,
Tj = 25°C:
Vbb = 24 V
Tj = 150°C:
two parallel channels, Tj = 25°C:
RON
--
225
400
113
250
500
125
m
Ω
Nominal load current
one channel active:
two parallel channels active:
Device on PCB2), Ta
= 85°C, Tj ≤ 150°C
IL(NOM)
1.60
2.4
1.9
2.8
--
A
Output current while GND disconnected or pulled
up; Vbb = 32 V, VIN = 0, see diagram page 8
IL(GNDhigh)
--
--
1.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com