Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL-CC25-01D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAL-CC25-01D3
Description  50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CC25-01D3 Datasheet(HTML) 2 Page - STMicroelectronics

  BAL-CC25-01D3 Datasheet HTML 1Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 2Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 3Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 4Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 5Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 6Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 7Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 8Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
BAL-CC25-01D3
2/10
DocID024657 Rev 4
1
Characteristics
Table 1. Absolute maximum rating (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PPEAK
Input power RFIN
20
dBm
VESD
ESD ratings MIL STD883C (HBM: C = 100 pF, R = 1.5 k
air discharge) 2000
V
ESD ratings machine model (MM: C = 200 pF, R = 25
L = 500 nH)
500
ESD ratings charged device model (CDM, JESD22-C101D)
500
TOP
Operating temperature
-40
+125
ºC
Table 2. Electrical characteristics - RF performance (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal differential output impedance
Conjugate match to CC25xx,
CC85xx
ZIN
Nominal input impedance
F
Frequency range (bandwidth)
2379
2507
IL
Insertion loss in bandwidth
0.66
dB
RL_SE
Single ended return loss in bandwidth
19
dB
RL_DIFF
Differential ended return loss in bandwidth
19
dB
imb
Phase imbalance
14
°
Aimb
Amplitude imbalance
0.3
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com