Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM06F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM06F3
Description  3-line IPAD™, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM06F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM06F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID024459 Rev 1
3/7
EMIF03-SIM06F3
Characteristics
Figure 8. Line capacitance versus applied voltage
Figure 4. Attenuation versus frequency
Figure 5. Analog crosstalk versus frequency
S21(dB)
1M
3M
10M
30M
100M
300M
1G
3G
-40
-35
-30
-25
-20
-15
-10
-5
0
Data
Clk
Rst
F(Hz)
XTalk (dB)
1M
3M
10M
30M
100M
300M
1G
3G
-70
-60
-50
-40
-30
-20
-10
0
Data-D1
Data-Clk
Data-Rst
Rst-D2
Rst-D3
F(Hz)
Figure 6. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 7. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
22.6 V
14.0 V
11.1 V
6.8 V
1
2
4
3
10.0 V / Div
V : Peak clamping voltage
CL
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
20 ns / Div
20.0 V / Div
-21.1 V
-10.5 V
-9.9 V
-6.8 V
1
2
4
3
20 ns / Div
V : Peak clamping voltage
CL
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
0
2
4
6
8
10
12
14
16
02468
bias (V)
D2 GND
C(pF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com