Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC11 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

Back Button EC11_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. EC11_15 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
275
EC11/11mm Size Metal Shaft Type
EC11B / EC11E / EC11G
EC11E / EC11J / EC11K
Output Wave
× ×
ø12
ø7.2
0.5
EC11B Series
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
Sliding Noise
EC11B
EC11E / EC11G
EC11J / EC11K
V1=V2=1.5V max.
At R = 5kΩ
Chattering:2ms max.
Bounce
:2ms max.
V1=V2=1.5V max.
At R = 5kΩ
Chattering:3ms max.
Bounce
:2ms max.
V1=V2=2.5V max.
At R = 5kΩ
Chattering:3ms max.
Bounce
:2ms max.
The following parts are included with the product.
11mm Size Metal Shaft Type / Attached Parts
A signal
B signal
Detent stability position
OFF ON
ON
OFF
Detent stability position cannot be specified
for B signal.
EC11E 18 detents 9 pulse
EC11E 36 detents 18 pulse
EC11J, EC11K
CW direction
A signal
B signal
Detent stability position
OFF ON
ON
OFF
EC11B, EC11E, EC11G
30 detents, 15 pulse
A signal
B signal
Detent stability point
ON
OFF
OFF
ON
EC11B 20 detents, 20 pulse
CW direction
CW direction
Circuit Diagram
EC111/EC11EOB
Nut
Washer
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com