Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC18A Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC18A
Description  18mm Size Insulated Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC18A Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC18A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC18A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC18A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC18A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292
18mm Size Insulated Shaft Type
EC18A
Standard Codes
1. The ● marks shows the ON position.
2. The ● marks:Connections between terminals and the 5(COM)are ON.
Waterproof Property
Immersion of encoder, not in operation, in water at depth of 1m at normal temperature for 30 minutes.
EC18AGA
EC18AGB
Position No.
1
2
3
4
5
6
7
8
9
10
11
12
Rotation angle(° )
0
30
60
90
120 150 180 210 240 270 300 330
1
●
●
●
●
●
●
2
●
●
●
●
3
●
●
●
●
●
●
4
●
●
●
●
5(COM)
●
●
●
●
●
●
●
●
●
●
●
●
Position No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Rotation angle(° )
0
22.5 45 67.5 90 112.5 135 157.5 180 202.5 225 247.5 270 292.5 315 337.5
1
●
●
●
●
●
●
●
●
2
●
●
●
●
●
●
●
●
3
●
●
●
●
●
●
●
●
4
●
●
●
●
●
●
●
●
5(COM)
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com