Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC35B Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC35B
Description  35mm Size Composite Operation Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC35B Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC35B_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC35B_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC35B_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
302
Composite operation device that
integrates both ring encoder and self return switch
35mm Size Composite Operation Type
EC35B
Product Line
30
15
Self-return
switch
Product No.
Switch
Actuator length(mm)
Number of
detent
Number of
pulse
300
600
21.35
Detent torque
(mN・m)
20±10
EC35B154H401
Minimum order unit(pcs.)
Japan
Export
C
【Switch 02】
E
F
D
B
A
9.9
12
12
ø15.1
【Switch 01】
4.8
3-6.5
3-6
3-3
12.1
6-3.5
21.35
Shaft travel
2.8
Clockwise rotation
Normal case:(SW01)ENCODER output signal
B-C
Between terminals
A-C
Between terminals
15ø pulse/30 detent
OFF
ON
OFF
ON
From 15° past the center to the CCW end
From 15° past the center to the CW end
CCW direction:ON between F and D
CW direction:ON between F and E
Self-return case:(SW02)circuit
E
F
D
Total rotation angle 48°
center
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Typical Specifications
Items
Specifications
Rating
10mA 5V DC
Operating life
Encoder
30,000 cycles
Self-return switch
15,000 cycles
Operating temperature range
−40℃ to +85℃
Output Wave(Switch 01) Sliding Noise(Switch 01)
Circuit Diagram(Switch 02)
V1=V2=2.5V max.
Self-return switch
D
F
Total rotation angle 48
°
Center
E
At R = 5kΩ
Chattering : 5ms max. Bounce : 5ms max.
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
A signal
B signal
ON
ON
OFF
OFF
Detent stability position
CW direction
Refer to P.307 for soldering conditions.
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
300
600
540×360×380
Packing Specifications
Tray


Similar Part No. - EC35B_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC35B154H401 ALPS-EC35B154H401 Datasheet
182Kb / 2P
35mm Size Composite Operation Type
logo
List of Unclassifed Man...
EC35B154H401 ETC-EC35B154H401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC35B_15

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HS21PA-2A HIROSE-HS21PA-2A Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
ALPS ELECTRIC CO.,LTD.
EC35AH ALPS-EC35AH Datasheet
148Kb / 2P
35mm Size ABC Switch
EC35B ALPS-EC35B Datasheet
182Kb / 2P
35mm Size Composite Operation Type
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
logo
List of Unclassifed Man...
HS21PA-2A ETC2-HS21PA-2A Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS25PE-10 ETC2-HS25PE-10 Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
ALPS ELECTRIC CO.,LTD.
EC35A ALPS-EC35A Datasheet
1Mb / 3P
35mm Size Ring Type
EC35AH ALPS-EC35AH_15 Datasheet
856Kb / 4P
35mm Size ABC Switch Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
One-way Operation Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com