Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LSPQR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH26LSPQR
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LSPQR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH26LSPQR Datasheet HTML 17Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 18Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 19Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 20Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 21Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 22Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 23Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 24Page - STMicroelectronics LNBH26LSPQR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LNBH26LS
I²C interface protocol
DocID025504 Rev 1
21/33
7.3
Data registers
The DATA 1..4 registers can be addressed both to write and read mode. In read mode they
return the last writing byte status received in the previous write transmission.
The following tables provide the register address values of DATA 1..4 and a function
description of each bit.
Table 6: DATA 1 (read/write register. Register address = 0X2)
Bit
Name
CH
Value
Description
Bit 0
(LSb)
VSEL1-
A
A
0/1
Channel A
output voltage selection bits.
(Refer to Table 13: "Output voltage selection table (data1
register, write mode)")
Bit 1
VSEL2-
A
0/1
Bit 2
VSEL3-
A
0/1
Bit 3
VSEL4-
A
0/1
Bit 4
VSEL1-
B
B
0/1
Channel B
output voltage selection bits.
(Refer to Table 13: "Output voltage selection table (data1
register, write mode)")
Bit 5
VSEL2-
B
0/1
Bit 6
VSEL3-
B
0/1
Bit 7
(MSb)
VSEL4-
B
0/1
N/A = reserved bit.
All bits reset to “0” at power-on.
Table 7: DATA 2 (read/write register. Register address = 0X3)
Bit
Name
CH
Value
Description
Bit 0
(LSb)
TEN A
A
1
22 kHz tone enabled. Tone output controlled by the DSQIN
pin
0
22 kHz tone output disabled
Bit 1
N/A
0
Reserved. Keep to “0”.
Bit 2
EXTM-
A
1
DSQIN input pin is set to receive external 22 kHz TTL signal
source
0
DSQIN input pin is set to receive external DiSEqC envelope
TTL signal
Bit 3
N/A
0
Reserved. Keep to “0”.
Bit 4
TEN-B
B
1
22 kHz tone enabled. Tone output controlled by the DSQIN
pin
0
22 kHz tone output disabled
Bit 5
N/A
0
Reserved. Keep to
“0”.
Bit 6
EXTM-
B
1
DSQIN input pin is set to receive external 22 kHz TTL signal
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com