Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEXPOWER Datasheet(PDF) 13 Page - XP Power Limited

Part # FLEXPOWER
Description  Configurable For Fast Time To Market
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FLEXPOWER Datasheet(HTML) 13 Page - XP Power Limited

Back Button FLEXPOWER Datasheet HTML 9Page - XP Power Limited FLEXPOWER Datasheet HTML 10Page - XP Power Limited FLEXPOWER Datasheet HTML 11Page - XP Power Limited FLEXPOWER Datasheet HTML 12Page - XP Power Limited FLEXPOWER Datasheet HTML 13Page - XP Power Limited FLEXPOWER Datasheet HTML 14Page - XP Power Limited FLEXPOWER Datasheet HTML 15Page - XP Power Limited FLEXPOWER Datasheet HTML 16Page - XP Power Limited FLEXPOWER Datasheet HTML 17Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
xppower.com
13
Signals
Global AC OK/Power Fail
Global AC OK is an open collector signal providing a minimum of 5 ms
warning of loss of output regulation. The signal is fully isolated and the
collector and emitter must be connected externally.
Maximum sink current 2 mA, maximum voltage 20 V.
On dual output module, DC OK monitors V1 output only.
AC OK Collector
Pin 6
AC OK Emitter
Pin 5
POWER SUPPLY
Standard Logic 0
Transistor On (<0.8 V): AC OK
Transistor Off (>4.5 V): AC NOT OK
Optional Logic 1
Transistor Off (>4.5 V): AC OK
Transistor On (<0.8 V): AC NOT OK
Chassis J2 Logic Connector
3300R
5 V Standby
Return Pin 8
5 V Standby
Pin 7
DC OK Collector
Pin 4
DC OK Emitter
Pin 3
POWER SUPPLY
Standard Logic 0
Transistor On (<0.8 V): DC OK
Transistor Off (>4.5 V): DC NOT OK
Optional Logic 1
Transistor Off (>4.5 V): DC OK
Transistor On (<0.8 V): DC NOT OK
Chassis J2 Logic Connector
3300R
5 V Standby
Return Pin 8
5 V Standby
Pin 7
Global Inhibit
Pin 2
POWER SUPPLY
100R
Chassis J2 Logic Connector
Global Inhibit
Return Pin 1
5 V Standby
Pin 7
5 V Standby
Return Pin 8
Standard Logic 0
0 V or Floating: Power Supply On
2-5 mA: Power Supply Off
Optional Logic 1
2-5 mA: Power Supply On
0 V or Floating: Power Supply Off
800R
2-5 mA
Global DC OK
Global DC OK is an open collector signal providing warning that the
output voltage has fallen below 90% of nominal. The signal is fully
isolated and the collector and emitter must be connected externally.
Maximum sink current 2 mA, maximum voltage 20 V.
On dual output module, DC OK monitors V1 output only.
Global Inhibit
Global Inhibit is an isolated control signal which can turn the power
supply off by supplying 2 to 5mA into the pin. Global Enable option
available, see ‘Other Option Codes’ table.
Module DC OK
Module DC OK is a nominal “ON” floating collector and emitter
transistor of an optocoupler, which provides a warning of the loss of
output regulation on the main output of the module.
Maximum sink current 2 mA, maximum voltage 20 V.
Module DC OK
Collector Pin 8
Module DC OK
Emitter Pin 9
POWER SUPPLY
Transistor On (<0.8 V): DC OK
Transistor Off (>4.5 V): DC NOT OK
Module Logic Connector
3300R
0 V
+5 V
Module Inhibit
Pin 6
POWER SUPPLY
1K Ohm
Module Logic Connector
Module Inhibit
Return Pin 7
0 V or Floating: Module On
2-5 mA: Module Off
2-5 mA
+5 V
0V
Module Inhibit
Module Inhibit signal is an isolated control signal which can turn the
module off by supplying 2 to 5 mA into the pin.
Pin 2
Pin 9
POWER SUPPLY
Open Collector
Transistor On : Fan Fail
Transistor Off : Fan OK
Chassis J2 Logic Connector
3300R
5 V Standby
Return Pin 8
5 V Standby
Pin 7
Pin 1
Pin 10
Fan Fail
When fan speed control fitted (option 16).
Open collector signal warns of any fan failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com