Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DRDW3TP Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24C16-DRDW3TP
Description  Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRDW3TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24C16-DRDW3TP Datasheet HTML 9Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 10Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 11Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 12Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 13Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 14Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 15Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 16Page - STMicroelectronics M24C16-DRDW3TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DocID025622 Rev 5
13/37
M24C16-A125
Instructions
36
4
Instructions
4.1
Write operations
For a Write operation, the bus master sends a Start condition followed by a device select
code with the R/W bit reset to 0. The device acknowledges this, as shown in Figure 4, and
waits for the master to send the address byte with an acknowledge bit, and then waits for
the data byte.
When the bus master generates a Stop condition immediately after a data byte Ack bit (in
the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal Write
cycle tW is then triggered. A Stop condition at any other time slot does not trigger the internal
Write cycle.
During the internal Write cycle, Serial Data (SDA) is disabled internally, and the device does
not respond to any requests.
After the successful completion of an internal Write cycle (tW), the device internal address
counter is automatically incremented to point to the next byte after the last modified byte.
If the Write Control input (WC) is driven High, the Write instruction is not executed and the
accompanying data bytes are not acknowledged, as shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com