Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DRMF3TP Datasheet(PDF) 11 Page - STMicroelectronics

Part # M24C16-DRMF3TP
Description  Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRMF3TP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M24C16-DRMF3TP Datasheet HTML 7Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 8Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 9Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 10Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 11Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 12Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 13Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 14Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID025622 Rev 5
11/37
M24C16-A125
Device operation
36
3.5
Device addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, as
shown in Table 2 (on Serial Data (SDA), most significant bit first).
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding memory device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the memory device does not
match the device select code, it deselects itself from the bus, and goes into Standby mode.
Note:
A: significant address bit.
X: bit is Don’t Care.
Table 2. Device select code
Device type identifier (1)
1. The most significant bit, b7, is sent first.
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
When accessing the
memory
1010
A10
A9
A8
RW
When accessing the
identification page
1011
X
X
X
RW
Table 3. Significant address bits
Memory
(Device type identifier = 1010b)
Identification page
(Device type identifier = 1011b)
Random
Address Read
Write
Read
Identification
page
Write
Identification
page
Lock
Identification
page
Read lock status
b3 (1)
A10
A10
XXX
see Section 4.2.5
b2 (1)
A9
A9
X
X
X
b1 (1)
A8
A8
X
X
X
b7
A7
A7
0
0
1
b6
A6
A6
X
X
X
b5
A5
A5
X
X
X
b4
A4
A4
X
X
X
b3
A3
A3
A3
A3
X
b2
A2
A2
A2
A2
X
b1
A1
A1
A1
A1
X
b0
A0
A0
A0
A0
X
1. Address bits defined inside the DeviceSelect code (see Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com