Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-DRMF3TP Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24C32-DRMF3TP
Description  Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-DRMF3TP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24C32-DRMF3TP Datasheet HTML 32Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 33Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 34Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 35Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 36Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 37Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 38Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 39Page - STMicroelectronics M24C32-DRMF3TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID023377 Rev 6
39/40
M24C32-A125
Revision history
39
11
Revision history
Table 17. Document revision history
Date
Revision
Changes
03-Aug-2012
1
Initial release.
05-Mar-2013
2
Document reformatted.
Document status changed from “Preliminary data” to “Production
data”.
Updated:
– Section 3.6: Identification page
– Section 6: Delivery state
–ICC, VIL and VRES values in Table 10: DC characteristics
25-Mar-2013
3
Updated ICC1 and VIL rows in Table 10: DC characteristics.
05-Sep-2013
4
Added WFDFPN8 (MF) package.
Removed UFDFPN8 (MLP8) package.
Updated:
– Note (1) under Table 5: Absolute maximum ratings.
– Third waveform in Figure 12: AC waveforms.
10-Feb-2014
5
Changed Data retention from “40 years at 55 °C” to “50 years at
125 °C” in Features.
Updated Figure 15: WFDFPN8 (MLP8) – 8-lead thin fine pitch dual
flat package no lead 2 x 3 mm, package outline.
08-Jan-2015
6
Updated:
– note 2 on Table 5.
– Figure 5
– Table 15 and Table 16
Added sentence related Engineering Sample on Section 10 and note
2 on Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com