Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C46-DRE Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93C46-DRE
Description  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-DRE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93C46-DRE Datasheet HTML 17Page - STMicroelectronics M93C46-DRE Datasheet HTML 18Page - STMicroelectronics M93C46-DRE Datasheet HTML 19Page - STMicroelectronics M93C46-DRE Datasheet HTML 20Page - STMicroelectronics M93C46-DRE Datasheet HTML 21Page - STMicroelectronics M93C46-DRE Datasheet HTML 22Page - STMicroelectronics M93C46-DRE Datasheet HTML 23Page - STMicroelectronics M93C46-DRE Datasheet HTML 24Page - STMicroelectronics M93C46-DRE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID028496 Rev 1
21/32
M93Cx6-DRE
DC and AC parameters
31
Table 13. DC characteristics
Symbol
Parameter
Test conditions
(in addition to conditions specified
in Table 9)
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
-
2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
-
2
ICC
Supply current (Read)
VCC = 1.8 V, C = 0.1 VCC/0.9 VCC,
Q = open, fC = 2 MHz
-
1
mA
VCC = 2.5 V, C = 0.1 VCC/0.9 VCC,
Q = open, fC = 2 MHz
-
1
VCC = 5.5 V, fC = 2 MHz
C = 0.1 VCC/0.9 VCC, Q = open
-
1.5
ICC0
(1)
Supply current (Write)
1.8 V
≤ VCC < 5.5 V during tW,
S = VCC
-
1.5
mA
ICC1
Supply current (Standby mode)
t° = 25 °C, VCC = 1.8 V,
S = VCC, VIN = VSS or VCC
-
1
µA
t° = 25 °C, VCC = 2.5 V,
S = VCC, VIN = VSS or VCC
-
2
t° = 25 °C, VCC = 5.5 V,
S = VCC, VIN = VSS or VCC
-
3
t° = 105 °C, VCC = 1.8 V,
S = VCC, VIN = VSS or VCC
-
5
t° = 105 °C, VCC = 2.5 V,
S = VCC, VIN = VSS or VCC
-
5
t° = 105 °C, VCC = 5.5 V,
S = VCC, VIN = VSS or VCC
-
10
VIL
Input low voltage (D, C, S)
1.8 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC < 5.5 V
–0.45
0.3 VCC
VIH
Input high voltage (D, C, S)
1.8 V
≤ VCC < 2.5 V
0.75 VCC
VCC+1
V
2.5 V
≤ VCC < 5.5 V
0.7 VCC
VCC+1
VOL
Output low voltage
VCC = 1.8 V, IOL = 1 mA
-
0.3
V
VCC ≥ 2.5 V, IOL = 2.1 mA
-
0.4
VOH
Output high voltage
VCC = 1.8 V, IOH = 1 mA
0.8 VCC
-
V
VCC ≥ 2.5 V, IOH = -2.1 mA
0.8 VCC
-
VRES
Internal reset threshold voltage
-
0.5
1.5
V
1.
Average value during the Write cycle (tW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com