Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-DRE Datasheet(PDF) 7 Page - STMicroelectronics

Part # M93C76-DRE
Description  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-DRE Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M93C76-DRE Datasheet HTML 3Page - STMicroelectronics M93C76-DRE Datasheet HTML 4Page - STMicroelectronics M93C76-DRE Datasheet HTML 5Page - STMicroelectronics M93C76-DRE Datasheet HTML 6Page - STMicroelectronics M93C76-DRE Datasheet HTML 7Page - STMicroelectronics M93C76-DRE Datasheet HTML 8Page - STMicroelectronics M93C76-DRE Datasheet HTML 9Page - STMicroelectronics M93C76-DRE Datasheet HTML 10Page - STMicroelectronics M93C76-DRE Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DocID028496 Rev 1
7/32
M93Cx6-DRE
Description
31
The M93Cx6-DRE is accessed by a set of instructions, as summarized in Table 4, and in
more detail in Table 5: Instruction set for the M93C46 to Table 7: Instruction set for the
M93C76 and M93C86).
Table 4. Instruction set for the M93Cx6-DRE
Instruction
Description
Data
READ
Read Data from Memory
Byte or Word
WRITE
Write Data to Memory
Byte or Word
WEN
Write Enable
-
WDS
Write Disable
-
ERASE
Erase Byte or Word
Byte or Word
ERAL
Erase All Memory
-
WRAL
Write All Memory with same Data
-
A Read Data from Memory (READ) instruction loads the address of the first byte or word to
be read in an internal address register. The data at this address is then clocked out serially.
The address register is automatically incremented after the data is output and, if Chip Select
Input (S) is held High, the M93Cx6-DRE can output a sequential stream of data bytes or
words. In this way, the memory can be read as a data stream from eight to 16384 bits long
(in the case of the M93C86), or continuously (the address counter automatically rolls over to
00h when the highest address is reached).
Programming is internally self-timed (the external clock signal on Serial Clock (C) may be
stopped or left running after the start of a Write cycle) and does not require an Erase cycle
prior to the Write instruction. The Write instruction writes 8 or 16 bits at a time into one of the
byte or word locations of the M93Cx6-DRE. After the start of the programming cycle, a
Busy/Ready signal is available on Serial Data Output (Q) when Chip Select Input (S) is
driven High. An internal Power-on Data Protection mechanism in the M93Cx6-DRE inhibits
the device when the supply is too low.
Figure 2. 8-pin package connections (top view)
1.
See Section 12: Package information for package dimensions, and how to identify pin-1.
2.
DU = Don't Use. The DU (do not use) pin does not contribute to the normal operation of the device. It is
reserved for use by STMicroelectronics during test sequences. The pin may be left unconnected or may be
connected to VCC or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com