Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DRE Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24128-DRE
Description  128-Kbit serial I²C bus EEPROM - 105°C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DRE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24128-DRE Datasheet HTML 17Page - STMicroelectronics M24128-DRE Datasheet HTML 18Page - STMicroelectronics M24128-DRE Datasheet HTML 19Page - STMicroelectronics M24128-DRE Datasheet HTML 20Page - STMicroelectronics M24128-DRE Datasheet HTML 21Page - STMicroelectronics M24128-DRE Datasheet HTML 22Page - STMicroelectronics M24128-DRE Datasheet HTML 23Page - STMicroelectronics M24128-DRE Datasheet HTML 24Page - STMicroelectronics M24128-DRE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID027239 Rev 1
21/41
M24128-DRE
Instructions
4.2.2
Current Address Read
For the Current Address Read operation, following a Start condition, the bus master only
sends a device select code with the R/W bit set to 1. The device acknowledges this, and
outputs the byte pointed by the internal address counter. The counter is then incremented.
The bus master terminates the transfer with a Stop condition, as shown in Figure 8, without
acknowledging the byte.
Note that the address counter value is defined by instructions accessing either the memory
or the Identification page. When accessing the Identification page, the address counter
value is loaded with the Identification page byte location, when accessing the memory, it is
safer to always use the Random Address Read instruction (this instruction loads the
address counter with the byte location to read in the memory) instead of the Current
Address Read instruction.
4.2.3
Sequential Read
A sequential Read can be used after a Current Address Read or a Random Address Read.
After a Read instruction, the device can continue to output the next byte(s) in sequence if
the bus master sends additional clock pulses and if the bus master does acknowledge each
transmitted data byte. To terminate the stream of bytes, the bus master must not
acknowledge the last byte, and must generate a Stop condition, as shown in Figure 8.
The sequential read is controlled with the device internal address counter which is
automatically incremented after each byte output. After the last memory address, the
address counter “rolls-over”, and the device continues to output data from memory address
00h.
4.2.4
Read Identification Page
The Identification Page can be read by issuing a Read Identification Page instruction. This
instruction uses the same protocol and format as the Random Address Read (from memory
array) with device type identifier defined as 1011b. The most significant address bits A15/A6
are don't care and the least significant address bits A5/A0 define the byte location inside the
Identification page. The number of bytes to read in the ID page must not exceed the page
boundary.
4.2.5
Read the lock status
The locked/unlocked status of the Identification page can be checked by transmitting a
specific truncated command [Identification Page Write instruction + one data byte] to the
device. The device returns an acknowledge bit after the data byte if the Identification page is
unlocked, otherwise a NoAck bit if the Identification page is locked.
Right after this, it is recommended to transmit to the device a Start condition followed by a
Stop condition, so that:
•
Start: the truncated command is not executed because the Start condition resets the
device internal logic,
•
Stop: the device is then set back into Standby mode by the Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com