Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-DRMN3TP Datasheet(PDF) 20 Page - STMicroelectronics

Part # M24256-DRMN3TP
Description  Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DRMN3TP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M24256-DRMN3TP Datasheet HTML 16Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 17Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 18Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 19Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 20Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 21Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 22Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 23Page - STMicroelectronics M24256-DRMN3TP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Instructions
M24256-A125
20/40
DocID023506 Rev 4
4.2
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
After the successful completion of a Read operation, the device internal address counter is
incremented by one, to point to the next byte address.
Figure 8. Read mode sequences
4.2.1
Random Address Read
The Random Address Read is a sequence composed of a truncated Write sequence (to
define a new address pointer value, see Table 3) followed by a current Read.
The Random Address Read sequence is therefore the sum of [Start + Device Select code
with RW=0 + two address bytes] (without Stop condition, as shown in Figure 8)] and [Start
condition + Device Select code with RW=1]. The memory device acknowledges the
sequence and then outputs the contents of the addressed byte. To terminate the data
transfer, the bus master does not acknowledge the last data byte and then issues a Stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com