Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-DRMF3TP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24512-DRMF3TP
Description  Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-DRMF3TP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24512-DRMF3TP Datasheet HTML 24Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 25Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 26Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 27Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 28Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 29Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 30Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 31Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
DC and AC parameters
M24512-A125
28/40
DocID023507 Rev 5
Table 10. DC characteristics
Symbol
Parameter
Test conditions (in addition to
those in Table 7 and Table 8)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC,
device in Standby mode
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
fC = 400 kHz, VCC = 5.5 V
-
2
mA
fC = 400 kHz, VCC = 2.5 V
-
2
mA
fC = 400 kHz, VCC = 1.8 V
-
1
mA
fC = 1 MHz, VCC = 5.5 V
-
2
mA
fC = 1 MHz, VCC = 2.5 V
-
2
mA
fC = 1 MHz, VCC = 1.8 V
-
2
mA
ICC0
Supply current (Write)
During tW
-2
mA
ICC1
Standby supply current
Device not selected(1), t° = 85 °C,
VIN = VSS or VCC, VCC = 1.8 V
-1
µA
Device not selected(1), t° = 85 °C
VIN = VSS or VCC, VCC = 2.5 V
-2
µA
Device not selected(1), t° = 85 °C,
VIN = VSS or VCC, VCC = 5.5 V
-3
µA
Device not selected(1), t° = 125 °C,
VIN = VSS or VCC, VCC = 1.8 V
-15
µA
Device not selected(1), t° = 125 °C,
VIN = VSS or VCC, VCC = 2.5 V
-15
µA
Device not selected(1), t° = 125 °C,
VIN = VSS or VCC, VCC = 5.5 V
-20
µA
VIL
Input low voltage (SCL, SDA, WC)
-
–0.45
0.3 VCC
V
VIH
Input high voltage (SCL, SDA)
-
0.7 VCC
6.5
V
Input high voltage (WC, E2, E1, E0) -
0.7 VCC VCC +0.6
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V
IOL = 1 mA, VCC = 1.8 V
-
0.3
V
VRES (2) Internal reset threshold voltage
-
0.5
1.5
V
1. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the completion of the
internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
2. Characterized only, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com