Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM11B Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EM11B
Description  11mm Size Metal Shaft Magnetic Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EM11B Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EM11B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type
Metal shaft
11mm size
20mm size
Series
EC111
EC11K
EC11J
EM11B
EC20A/RK203
EM20B
Photo
Output
Self-return switch
Incremental(Two phase A and B)
Shaft types
Single-shaft
Operating direction
Vertical
Number of pulse /
Number of detent
—
9/18
15/30
16/16
18/18
40/40
Features
—
—
Surface
Mount type
Magnetic type
—
Magnetic type
Dimensions
(mm)
W
11.7
10.8
20.2
20
D
13
12
14.2
11
19.2
22.25
H
5
4.5
7.5
10
13
Operating temperature range
−40℃ to +85℃
−30℃ to +85℃ −30℃ to +80℃ −10℃ to +70℃
Operating life
15,000 cycles
100,000 cycles
1,000,000 cycles
30,000 cycles
500,000 cycles
Automotive use
●
●
●
●
●
—
Life cycle (availability)
Electrical
performance
Rating
10mA 5V DC
10mA 5V±5% DC
1mA 5V DC
10mA 5V±5% DC
Max./min. operating current
(Resistive load)
10mA / 1mA
15mA / −
—
15mA / −
Insulation resistance
100MΩ min. 250V DC
100MΩ min.100V DC 10MΩ min. 50V DC
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute
or 360V AC for 2s
300V AC for 1 minute
or 360V AC for 1s
250V AC for 1 minute
or 300V AC for 2s
50V AC for 1 minute
or 60V AC for 2s
300V AC for 1 minute
or 360V AC for 2s
Mechanical
performance
Rotational torque
(Without detent)
3 to 30mN・m
—
—
—
—
7mN・m max.
Detent torque
—
12±5mN・m
12±5mN・m(Initial)
12±4mN・m(After reflow)
10±5mN・m
40±20mN・m
8±5mN・m
Push-pull strength
100N
Shaft configuration
Flat, Slotted, Serrated
Flat
Terminal type
Insertion
Reflow
Insertion
Switch
Specifications
Switch type
Push-on switch
Contact
arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3 1.5±0.5 0.5±0.3 1.5±0.5 0.5±0.3 1.5±0.5
0.5
1.5±0.5
0.5
Operating force(N) 6 
4±2
5±2
4±2
5±2
4±2
5.5±3
4±2
6±3
Rating
0.1A 5V DC
(500μA 5V DC min. ratings)
0.1A 5V DC
(0.1mA 5V DC min. ratings)
5mA 5V DC
(50mA 12V DC max. ratings)
0.5A 16V DC
(1mA 16V DC min. ratings)
3A 16V DC
(10mA 16V DC min. ratings)
Contact resistance
100mΩ max. for initial period, 
200mΩ max. after operating life.
500mΩ max. for initial period, 
5mΩ max. after operating life.
100mΩ max. for initial period, 
200mΩ max. after operating life.
Operating life
20,000 times
1,000,000
times
100,000
times
1,000,000
times
100,000
times
1,000,000 times
20,000 times
25,000 times
Page
269
280
282
285
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Note
● Indicates applicability to all products in the series.
263
+ 2.5
− 2
+ 0.4
− 0.3
+ 0.3
− 0.2
NEW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com